PART |
Description |
Maker |
ISL6524ACB ISL6524A |
PWM Controller and Triple Linear Reg, VRM8.5, 5-Bit DAC, Core %, Linears % VRM8.5 PWM and Triple Linear Power System Controller
|
INTERSIL[Intersil Corporation]
|
APW8811 APW8811QBI-TRG |
System Power PWM Controller for Notebook Computers
|
Anpec Electronics Coropration
|
HIP6004B FN4567 |
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor(脉冲带宽调节控制和输出电压检测电 巴克和同步整流(PWM)控制器和输出电压监视器(脉冲带宽调节控制和输出电压检测电路) From old datasheet system
|
Intersil, Corp.
|
AIC1573 AIC1573CS |
5-bit DAC/ Synchronous PWM Power Regulator with Simple PWM Power Regulator/ LDO And Linear Controller
|
Analog Intergrations Corporation
|
ISL6523A ISL6523ACB ISL6523EVAL1 |
VRM8.5 Dual PWM and Dual Linear Power System Controller
|
INTERSIL[Intersil Corporation]
|
BS62LV1027 BS62LV1027PIP70 BS62LV1027SCG70 BS62LV1 |
Asynchronous 1M(128Kx8) bits Static RAM LM5035 PWM Controller with Integrated Half-Bridge and SyncFET Drivers; Package: TSSOP EXP PAD; No of Pins: 20 LM5041A Cascaded PWM Controller; Package: TSSOP; No of Pins: 16 LM5041 Cascaded PWM Controller; Package: TSSOP; No of Pins: 16 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 55 ns, PDSO32 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 55 ns, PDIP32 Very Low Power/Voltage CMOS SRAM 非常低功电压的CMOS的SRAM LM5033 100V Push-Pull Voltage Mode PWM Controller; Package: LLP; No of Pins: 10 128K X 8 STANDARD SRAM, 70 ns, PDSO32 LM5030 100V Push-Pull Current Mode PWM Controller; Package: LLP; No of Pins: 10 128K X 8 STANDARD SRAM, 55 ns, PDIP32 LM5030 100V Push-Pull Current Mode PWM Controller; Package: LLP; No of Pins: 10 128K X 8 STANDARD SRAM, 70 ns, PDIP32 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 70 ns, PDSO32 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 70 ns, UUC
|
http:// BSI[Brilliance Semiconductor] BRILLIANCE SEMICONDUCTOR, INC. BRILLIANCE SEMICONDUCTOR INC
|
UC3842ADM UC3842AM UC3844AD UC3844ADM UC3844AM UC3 |
CURRENT MODE PWM CONTROLLER 电流模式PWM控制 (UC384xA) CURRENT MODE PWM CONTROLLER From old datasheet system Current Mode PWMs
|
Fairchild Semiconductor, Corp. N.A. MICROSEMI[Microsemi Corporation]
|
ISL6244 |
PWM Controller, Multiphase Power Controller with 2, 3, or 4 Phase for AMD Mobile Hammer
|
Intersil
|
ML4801 ML4801CS ML4801CP ML4801IS ML4801IP |
Variable Feedforward PFC/PWM Controller Combo 0.5 A POWER FACTOR CONTROLLER WITH POST REGULATOR, PDSO16
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|